PART |
Description |
Maker |
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
LM350BT ON0316 LM350_D LM350 LM350T |
THREE-ERMINAL ADJUSTABLE POSITIVE From old datasheet system THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
LM317 LM317BD2T LM317BT LM317_D ON0308 317B |
From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
|
ON Semiconductor
|
OM7628NM |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator HERMETIC SURFACE MOUNT ADJUSTABLE POSITIVE VOLTAGE REGULATOR
|
International Rectifier
|
ICL7663SACBA-T ICL7663SAIBA ICL7663SAIJA |
CMOS Programmable Micropower Positive Voltage Regulator; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, PDSO8 1.3 V-16 V ADJUSTABLE POSITIVE REGULATOR, CDIP8
|
Fujitsu, Ltd. HARRIS SEMICONDUCTOR
|
IP117M-LCC4 IP117MHV-LCC4 IP117MA-LCC4 IP117MAHV-L |
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE 0.5 AMP Positive Adjustable Voltage Regulator In Ceramic Surface Mount Package(0.5 A 正可调稳压器( 陶瓷表贴封装)) Voltage Regulator 电压调节 0.5 AMP Positive Adjustable Voltage Regulator In Ceramic Surface Mount Package(0.5 A 姝e?璋?ǔ???( ?剁?琛ㄨ创灏??)) 0.5A Adjustable Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Abracon, Corp. SEMELAB LTD
|
HS9S-117RH/PROTO HSYE-117RH/PROTO HS2-117RH/PROTO |
Regulator, Linear, Adjustable 1.2V to 37V, 5mA to 1.25A, Rad-Hard Radiation Hardened Adjustable Positive Voltage Regulator Radiation Hardened Adjustable Positive Voltage Regulator
|
Intersil Corporation
|
LD1086XX90 LD1086XX80 LD1086XX50 LD1086XX36 LD1086 |
9 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
|
STMicroelectronics ST Microelectronics
|
MC7808ACT MC7808CT MC7809CT MC7808CTG MC7808CDT MC |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 Analog Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders SMA R/A PLUG TO JACK RoHS Compliant: Yes 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 9 V FIXED POSITIVE REGULATOR, SFM3 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 8 V FIXED POSITIVE REGULATOR, SFM3 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive vlotage regulators 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A Positive Vlotage Regulators 正电压稳压器1.0 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, PSSO2 16-A, 2.2-V to 5.5-V Input, Ceramic Cap Version, Non-Isolated, Wide-Output, Power Module w/ TurboTra 11-DIP MODULE -40 to 85 15 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, PSSO2 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 V FIXED POSITIVE REGULATOR, PSSO2 3-A, 3.3/5-V Input Adjustable Switching Regulator 5-DIP MODULE -40 to 85 16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85
|
http:// Rectron Semiconductor
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|